Part Number Hot Search : 
HDB102G MH101 2412D GPDP4218 EZ1587CM STM8402 00221 NTGS5120
Product Description
Full Text Search
 

To Download SD-33000-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0330110006 Active
mx150_sealed_connector_system MX150TM Male Terminal, Gold (Au) Plating, 22 AWG, Left Reel Payoff, Contact Material Thickness 0.30mm (.012")
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Crimp Terminals 33011 Left Reel Payoff Yes mx150_sealed_connector_system MX150TM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Crimp Quality Equipment Overview Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male High Performance Alloy (HPA) Gold Tin Reel 30.4 0.76 100 2.5 Crimp or Compression 2.60mm (.102") max. 22 0.35, 0.50
Electrical
Current - Maximum per Contact Voltage - Maximum 22A 250V
Search Parts in this Series 33011Series Use With 33482 Dual Row Housing, 33481 Single Row Housing, 33486 Hybrid Housing
Material Info Reference - Drawing Numbers
Sales Drawing SD-33000-001
Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool, 0638112600 18-22AWG FineAdjustTM 0639000600 Applicator
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-33000-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X